Part Number Hot Search : 
UJA1163 AD6315LF M101A 15K1A318 CM1508 628128 C101A 0100C
Product Description
Full Text Search
 

To Download CDRH4D18C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER INDUCTORS (SMD Type)
SHIELDED TYPE / OUTLINE /
CDRH4D18C
SMD type power inductors where by the electrode is attached to the ferrite core directly. They are also magnetically shielded to prevent noise radiation.
CDRH4D18C
5.1MAX.
DIMENSIONS (mm)
LAND PATTERNS (mm)
CONSTRUCTION
6. 2M 4. A 4 X.
2.0MAX.
5.1M AX.
45
( 1.1H - 100H )
CDRH4D18C
Parts No. L (H) D.C.R.( ) : Max.(Typ.) 1R0 1R1 2R2 2R7 3R0 3R3 3R9 4R7 5R6 6R3 6R8 8R2 100 120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 1.0 1.1 2.2 2.7 3.0 3.3 3.9 4.7 5.6 6.3 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 1.16(925m) 1.51( 1.21) 305m 250m 783m(626m) 410m 550m(440m) 460m 323m(258m) 600m 110m( 88m) 1.15 61m( 49m) 1.5 29m( 23m) 39m( 31m) 2.4 1.7 Temperature Rise Rated Current (A) * 3
Measuring Freq. (L) / L CDRH4D18C 100 kHz Tolerance of Inductance / CDRH4D18C 1.1 H - 100 H 25%
Rated Current / *3 It is either the inductance is 35% lower than its nominal value in D.C. saturation characteristics or temperature raise becomes T=40C(Ta=20 C), whichever is lower. *3 65% T=40 (Ta=20)
125m(100m) 156m(125m) 194m(155m)
1.05 830m 700m
About Lead-free products /
. . . .
Lead-free products are now available for sale To order a lead-free product, please add"NP" after the product type: "NP"
e.g. Ordering code of lead product: Type name-x Ordering code of lead-free product: Type name NPx
North America Tel:(1) 847 545-6700 Fax:(1) 847 545-6720 E-mail: sales@us.sumida.com h tt p :/ /www.sumida.com
Japan Tel:(81) 03 3667-3302 Fax:(81) 03 3667-3408
Hong Kong Tel:(852) 2880-6688 Fax:(852) 2565-9600 E-mail: sales@hk.sumida.com
Taiwan Tel:(886) 2 2726-2177 Fax:(886) 2 2728-2726 E-mail: sales@tw.sumida.com
Singapore Tel:(65) 6296-3388 Fax:(65) 6296-3390 E-mail: sales@sg.sumida.com
2.
Europe Tel:(32) 2673-9565 Fax:(32) 2672-0454 E-mail: sales@eu.sumida.com
Rev1.0 09/2004
0
1. 4
5 6. 0 4.


▲Up To Search▲   

 
Price & Availability of CDRH4D18C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X